PART |
Description |
Maker |
285D07 285D126X0250F2 285D126X9250C0 285D126X9250C |
Tantalum-Cased-Tantalum Sintered Anode TANTALEX㈢ Capacitors for Operation to 125 ∑C Tantalum-Cased-Tantalum Sintered Anode TANTALEX? Capacitors for Operation to 125 °C Tantalum-Cased-Tantalum Sintered Anode TANTALEX庐 Capacitors for Operation to 125 掳C Tantalum-Cased-Tantalum Sintered Anode TANTALEX垄莽 Capacitors for Operation to 125 隆?C
|
Vishay Siliconix
|
T18D108M075EZSS |
Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
|
Vishay Siliconix
|
T356A105K035AT7301 |
Tantalum, MnO2 Tantalum, Commercial Grade, T356, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
M39003-01-2306 |
Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 22 uF, 10%, 35 V, 1.3 Ohms
|
Kemet Corporation
|
TAJB107M006RNJ TAJD107K016RNJ TAJB226M006RNJ TAJB2 |
General purpose SMT chip tantalum series Standard Tantalum
|
AVX Corporation
|
735DI27X0075D2 CT79226X0025A2 CT79226X0100B2 CT792 |
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
|
Vishay Siliconix
|
T110B475K050AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T110, 4.7 uF, 10%, 50 V, 2.5 Ohms
|
Kemet Corporation
|
T322D106M035AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T322, 10 uF, 20%, 35 V, 2 Ohms
|
Kemet Corporation
|
134D687X9050K6 |
Wet Tantalum HI-TMP Capacitors Tantalum Case
|
Vishay Siliconix
|
T495D226K035ATE250-17 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 250 mOhms, 3.1mm
|
Kemet Corporation
|
T495D107K010ATE050 |
Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 50 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226K035ATE260 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 260 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|